Part Number Hot Search : 
HMC333E 54138 D71054 28F128J3 PN8393 2N440 00SERI UF4001
Product Description
Full Text Search
 

To Download S8050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Silicon Epitaxial Planar Transistor
FEATURES
High Collector Current.(IC= 500mA Complementary To S8550. Excellent HFE Linearity. High total power dissipation.(PC=300mW)
www..com
Production specification
S8050
Pb
Lead-free
APPLICATIONS
High Collector Current.
SOT-23
ORDERING INFORMATION
Type No. S8050 Marking J3Y Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC PC Tj,Tstg Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Dissipation Junction and Storage Temperature Value 40 25 5 500 300 -55~150 Units V V V mA mW
Document number: BL/SSSTC079 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Silicon Epitaxial Planar Transistor
Production specification
S8050
MIN 40 25 5 0.1 0.1 0.1 120 50 0.6 1.2 150 V V MHz 350
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage
www..com
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) fT
Test conditions IC=100A,IE=0 IC=0.1mA,IB=0
B
TYP
MAX
UNIT V V V A A A
IE=100A,IC=0 VCB=40V,IE=0 VCE=20V,IB=0
B
Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency
VEB=5V,IC=0 VCE=1V,IC=50mA VCE=1V,IC=500mA IC=500mA, IB= 50mA
B
IC=500mA, IB= 50mA
B
VCE=6V, IC= 20mA f=30MHz
CLASSIFICATION
Rank Range
OF
hFE(1)
L 120-200 H 200-350
Document number: BL/SSSTC079 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Silicon Epitaxial Planar Transistor
Production specification
S8050
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
www..com
Document number: BL/SSSTC079 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
Silicon Epitaxial Planar Transistor
PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
S8050
SOT-23
SOT-23
Dim A
B
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
www..com
K
B C D
1.0Typical
D G
J
E G H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
Device S8050
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSTC079 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of S8050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X